Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302-SV Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

302-SV Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 302-SV
Download  302-SV Download
File Size   124.44 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug-in terminal strip Screw connection & pin

302-SV Datasheet (PDF)

Go To PDF Page Download Datasheet
302-SV Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 302-SV
Download  302-SV Click to download

File Size   124.44 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug-in terminal strip Screw connection & pin

302-SV Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


302-SV Product details

The plug-in terminal strip 302-SV is available in 8 mm pitch with 1 to 12 poles.
It has one screw connection per pole and one vertical pin for the connection to the
socket of the female counterpart.
In combination with the plug-in terminal strip 302-FB, this connector provides the
contact pressure via a stainless steel spring which ensures good electrical contact.
Plug-in direction is parallel to each other.
In combination with the plug-in terminal strip 302-FBG, this connector can be used
especially on a printed circuit board.
Plug-in terminal strips 302-SV or 302-SVG create a plug connection where the
connection leads are located in a 90° angle to each other. That way, challenges of
limited mounting space can be resolved. Due to the small 8 mm pitch, this version
is well suited for applications where space is limited.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.




Similar Part No. - 302-SV

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
More results


Similar Description - 302-SV

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
302-STS WECO-302-STS Datasheet
171Kb / 1P
Plug-in terminal strip Screw connection & pin
05.18
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
322-STFS WECO-322-STFS Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324-STFS WECO-324-STFS Datasheet
104Kb / 1P
Plug-in terminal strip Screw connection & pin
05.19
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com