Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302-SVG Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

302-SVG Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 302-SVG
Download  302-SVG Download
File Size   158.48 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug-in terminal strip Screw connection & pin, with solder pin

302-SVG Datasheet (PDF)

Go To PDF Page Download Datasheet
302-SVG Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 302-SVG
Download  302-SVG Click to download

File Size   158.48 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Plug-in terminal strip Screw connection & pin, with solder pin

302-SVG Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


302-SVG Product details

The plug-in terminal strip 302-SVG is equipped with a solder pin and designed for
the use on PCBs. Due to the small 8 mm pitch, this design is well suited for
applications where space is limited.
The flexible polyamide moulding can even be mounted on curved surfaces.
Used in combination with a plug-in terminal strip 302-FB plug-in terminal strip, the
contact pressure is applied by a stainless-steel spring. Plug-in direction is parallel
to each other. The wire entrance is located in plug direction.
The combination with 302-FLW-DS creates an angular plug connection which is
well suited of resolving even challenging mounting conditions. The angular plug-in
connector type 302-FLW-DS has a contact spring which forms a unit with the wire
protector.
The direction of insertion is in a 90° angle. The wire entrance is perpendicular to
the direction of insertion.
In plugged condition, all metal components are protected against accidental
contact, except for the solder pins. The screws are captive, vibration-proof and
secured against self-loosening. The strips have fixing holes to attach the screws
between the poles.
The plug-in connector can be used as three-way contact




Similar Part No. - 302-SVG

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-SV WECO-302-SV Datasheet
124Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
More results


Similar Description - 302-SVG

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
302-NSTS WECO-302-NSTS Datasheet
166Kb / 1P
Plug-in terminal strip Screw connection & pin, low profile version
07.18
302-STS WECO-302-STS Datasheet
171Kb / 1P
Plug-in terminal strip Screw connection & pin
05.18
302-SV WECO-302-SV Datasheet
124Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-G WECO-322-G Datasheet
105Kb / 1P
Socket terminal strip Screw connection, with solder pin
04.19
322-STFS WECO-322-STFS Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
322-SVW WECO-322-SVW Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin, plug-in direction vertical, long pin
07.18
324-STFS WECO-324-STFS Datasheet
104Kb / 1P
Plug-in terminal strip Screw connection & pin
05.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com