Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

322-G Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

322-G Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 322-G
Download  322-G Download
File Size   105.45 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with solder pin

322-G Datasheet (PDF)

Go To PDF Page Download Datasheet
322-G Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 322-G
Download  322-G Click to download

File Size   105.45 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with solder pin

322-G Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


322-G Product details

The socket terminal strip 322-G is available in 10 mm pitch with 1- to 12-pole
design and can be easily stripped to the desired number of poles.
The flexible polyamide moulding can even be mounted on curved surfaces.
Due to large pitch and moulding shape, this version is also well suited for
applications using higher voltages. The 322-G version features reliable contact
protection and long clearance and creepage distances. The captive screws are
vibration-proof and secured against self-loosening. In addition to be soldered in
with solder pins, the terminal strips can be screw-mounted onto the PCB.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
The terminal lead insertion depth is not limited.




Similar Part No. - 322-G

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
322-000LX APEX-ELECTRONICS-322-000LX Datasheet
175Kb / 3P
Slotted Bits
logo
EDAC, All Rights Reserv...
322-022-500-154 EDAC-322-022-500-154 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-157 EDAC-322-022-500-157 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-158 EDAC-322-022-500-158 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
322-022-500-254 EDAC-322-022-500-254 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
More results


Similar Description - 322-G

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-G WECO-302-G Datasheet
104Kb / 1P
Socket terminal strip Screw connection, with solder pin
05.18
302-SVG WECO-302-SVG Datasheet
158Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
05.18
322-SVG WECO-322-SVG Datasheet
107Kb / 1P
Plug-in terminal strip Screw connection & pin, with solder pin
04.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com