Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

326 Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

326 Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 326
Download  326 Download
File Size   108.04 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection

326 Datasheet (PDF)

Go To PDF Page Download Datasheet
326 Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 326
Download  326 Click to download

File Size   108.04 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection

326 Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


326 Product details

The socket terminal strip 326 is available in 14,5 mm pitch with 1- to 12-pole
design and can be easily stripped to the desired number of poles.
This version has a large terminal space and a creepage distance of more than 7
mm measured from terminal body to mounting surface. That is why this terminal
strip is suitable for voltages up to 750 V.
One fixing hole is located between every two poles.
The flexible polyamide moulding can even be mounted on curved surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw




Similar Part No. - 326

ManufacturerPart #DatasheetDescription
logo
Littelfuse
326 LITTELFUSE-326 Datasheet
92Kb / 1P
3AB Slo-Blo Fuse 325/326 Series
logo
List of Unclassifed Man...
326 ETC2-326 Datasheet
319Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
326 ETC2-326 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
logo
Littelfuse
326 LITTELFUSE-326 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Apex Electronics Co., L...
326-000X APEX-ELECTRONICS-326-000X Datasheet
175Kb / 3P
Slotted Bits
More results


Similar Description - 326

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com