Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

327-FU Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

327-FU Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 327-FU
Download  327-FU Download
File Size   111.54 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with raised base

327-FU Datasheet (PDF)

Go To PDF Page Download Datasheet
327-FU Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 327-FU
Download  327-FU Click to download

File Size   111.54 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with raised base

327-FU Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


327-FU Product details

The socket terminal strip 327-FU with raised base and a pitch of 14,5 mm is
available in 1 to 12 pole design.
The raised base extends the creepage distance to the ground which allows 600 V
in accordance with UL and CSA regulations without an additional insulating base.
One fixing hole is located between every two poles.
The flexible polyamide moulding can even be mounted on curved surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw




Similar Part No. - 327-FU

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
327-000-21-50 MARL-327-000-21-50 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-51 MARL-327-000-21-51 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-53 MARL-327-000-21-53 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-54 MARL-327-000-21-54 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
327-000-21-55 MARL-327-000-21-55 Datasheet
347Kb / 4P
PANEL INDICATOR LEDs - 횠8.0mm Mounting
More results


Similar Description - 327-FU

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
323-FU-16.5 WECO-323-FU-16.5 Datasheet
124Kb / 1P
Socket terminal strip Screw connection, with 2,2 mm raised base
04.19
323-FU-18.5 WECO-323-FU-18.5 Datasheet
123Kb / 1P
Socket terminal strip Screw connection, with 4,2 mm raised base
12.17
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
324-FU WECO-324-FU Datasheet
121Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com