Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

324-FU Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

324-FU Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 324-FU
Download  324-FU Download
File Size   121.42 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with raised base

324-FU Datasheet (PDF)

Go To PDF Page Download Datasheet
324-FU Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 324-FU
Download  324-FU Click to download

File Size   121.42 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Socket terminal strip Screw connection, with raised base

324-FU Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.


324-FU Product details

The socket terminal strip 324-FU with a pitch of 11,5 mm is available in 1- to
12-pole design and can easily be cut into the required number of poles.
The raised base of the FU-Type extends the creepage distance to the ground to
12,7 mm which allows 600 V in accordance with CSA without an additional
insulating base.
The flexible polyamide moulding can even be mounted on curved surfaces.
The wire protector of the “HDS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw




Similar Part No. - 324-FU

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
324-000X APEX-ELECTRONICS-324-000X Datasheet
175Kb / 3P
Slotted Bits
logo
Dialight Corporation
324-0071 DIALIGHT-324-0071 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0072 DIALIGHT-324-0072 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0073 DIALIGHT-324-0073 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
324-0075 DIALIGHT-324-0075 Datasheet
447Kb / 3P
554 SERIES SINGLE DUAL LAMP SWITCHES
More results


Similar Description - 324-FU

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
323-FU-16.5 WECO-323-FU-16.5 Datasheet
124Kb / 1P
Socket terminal strip Screw connection, with 2,2 mm raised base
04.19
323-FU-18.5 WECO-323-FU-18.5 Datasheet
123Kb / 1P
Socket terminal strip Screw connection, with 4,2 mm raised base
12.17
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com