Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8A66165SP Datasheet (PDF) - Renesas Technology Corp

R8A66165SP Datasheet PDF - Renesas Technology Corp
Part # R8A66165SP
Download  R8A66165SP Download
File Size   431.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description n-BIT HIGH VOLTAGE OUTPUT LED DRIVER WITH SHIFT REGISTER AND LATCH

R8A66165SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R8A66165SP Datasheet PDF - Renesas Technology Corp

Part # R8A66165SP
Download  R8A66165SP Click to download

File Size   431.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description n-BIT HIGH VOLTAGE OUTPUT LED DRIVER WITH SHIFT REGISTER AND LATCH

R8A66165SP Datasheet (HTML) - Renesas Technology Corp


R8A66165SP Product details

FEATURES
● Anode common LED drive
● VCC 5V or 3.3V single power supply
● High voltage, High output current: all parallel outputs Q1~Qn VO =24V high voltage,
IOL =24mA simultaneous lighting available
● Low power dissipation: 100uW/package (max) (VCC =5.0V, Ta =25℃, quiescent state)
● High noise margin: Schmitt input circuit provides responsiveness to a long line length
● Equipped with direct-coupled reset
● Open drain output: (except serial data output SQn)
● Wide operating temperature range: Ta = -40℃~+85℃




Similar Part No. - R8A66165SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66160SP RENESAS-R8A66160SP Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DDSP RENESAS-R8A66161DDSP Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results


Similar Description - R8A66165SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Rohm
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
8-bit shift register and latch driver
logo
Renesas Technology Corp
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
16-Bit LED Driver with Shift Register and Latch
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
32-Bit LED Driver with Shift Register and Latch
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com