Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD74LVC573 Datasheet (PDF) - Renesas Technology Corp

RD74LVC573 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC573
Download  RD74LVC573 Download
File Size   106.53 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Transparent Latches with 3-state Outputs

RD74LVC573 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC573 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC573
Download  RD74LVC573 Click to download

File Size   106.53 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Octal D-type Transparent Latches with 3-state Outputs

RD74LVC573 Datasheet (HTML) - Renesas Technology Corp


RD74LVC573 Product details

Description
The RD74LVC573B has eight D type latches with three state outputs in a 20-pin package. When the latch enable input
is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at
the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all
outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the
storage elements. Low voltage and high-speed operation is suitable at the battery drive product (note type personal
computer) and low power consumption extends the life of a battery for long time operation.
Features
• VCC = 1.65 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±12 mA (@VCC = 2.7 V)
±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - RD74LVC573

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC573B RENESAS-RD74LVC573B Datasheet
82Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
RD74LVC573BFPEL RENESAS-RD74LVC573BFPEL Datasheet
82Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
RD74LVC573BFPEL RENESAS-RD74LVC573BFPEL Datasheet
107Kb / 12P
Octal D-type Transparent Latches with 3-state Outputs
RD74LVC573BTELL RENESAS-RD74LVC573BTELL Datasheet
82Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
RD74LVC573BTELL RENESAS-RD74LVC573BTELL Datasheet
107Kb / 12P
Octal D-type Transparent Latches with 3-state Outputs
More results


Similar Description - RD74LVC573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com