Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI381 Datasheet (PDF) - Renesas Technology Corp

TSI381 Datasheet PDF - Renesas Technology Corp
Part # TSI381
Download  TSI381 Download
File Size   289.06 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe® to PCI Bridge Product Brief

TSI381 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI381 Datasheet PDF - Renesas Technology Corp

Part # TSI381
Download  TSI381 Click to download

File Size   289.06 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe® to PCI Bridge Product Brief

TSI381 Datasheet (HTML) - Renesas Technology Corp


TSI381 Product details

Features
General
• PCI Express to PCI bridge
• Transparent, Non-transparent, and Opaque modes
• Efficient queuing and buffering for low latency and high
throughput
• Compliant with the following specifications:
– PCI Express Base 1.1
– PCI Express PCI/PCI-X Bridge 1.0
– PCI-to-PCI Bridge Architecture 1.2
– PCI Local Bus 3.0
– PCI Bus Power Management Interface 1.2
PCI Express
• x1 lane PCIe Interface
• Advanced error reporting capability
• End-to-end CRC check and generation
• Up to four outstanding memory reads
• ASPM L0 link state power management
• Legacy interrupt signaling and MSI interrupts
• Hot Plug support
PCI
• 32/64-bit addressing and 32-bit data
• Operates at 25, 33, 50, and 66 MHz
• Up to eight outstanding memory reads
• 3.3V PCI I/Os, 5V tolerant
• Four external PCI masters supported through internal arbiter
• MSI generation and handling using interrupt and GPIO signals




Similar Part No. - TSI381

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TSI381 IDT-TSI381 Datasheet
115Kb / 2P
Compliant with the following specifications
More results


Similar Description - TSI381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
logo
Oxford Semiconductor
UHP112 OXFORD-UHP112 Datasheet
141Kb / 8P
Two-Port PCI-to-USB OpenHCI Host Controller - Product Brief
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
List of Unclassifed Man...
TSI384-133ILV ETC2-TSI384-133ILV Datasheet
77Kb / 2P
Tsi384??PCIe짰 to PCI/X Bridge Product Brief
logo
OmniVision Technologies...
OV580 OMNIVISION-OV580 Datasheet
440Kb / 2P
3D bridge chip product brief
logo
Renesas Technology Corp
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI384 RENESAS-TSI384 Datasheet
251Kb / 3P
PCIe® to PCI/X Bridge Product Brief
August 13, 2009
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
Canyon3Dä2LE PCI Audio Accelerator Product Brief
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com