Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI382 Datasheet (PDF) - Renesas Technology Corp

TSI382 Datasheet PDF - Renesas Technology Corp
Part # TSI382
Download  TSI382 Download
File Size   395.59 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe® to PCI Bridge Product Brief

TSI382 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI382 Datasheet PDF - Renesas Technology Corp

Part # TSI382
Download  TSI382 Click to download

File Size   395.59 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe® to PCI Bridge Product Brief

TSI382 Datasheet (HTML) - Renesas Technology Corp


TSI382 Product details

Features
General
• PCI Express to PCI bridge
• Transparent, Non-transparent and Opaque modes
• Efficient queuing and buffering for low latency and high
throughput
• Compliant with the following specifications:
– PCI Express Base 1.1
– PCI Express PCI/PCI-X Bridge 1.0
– PCI-to-PCI Bridge Architecture 1.2
– PCI Local Bus 3.0
– PCI Bus Power Management Interface 1.2
PCI Express
• x1 lane PCIe Interface
• Advanced error reporting capability
• End-to-end CRC check and generation
• Up to four outstanding memory reads
• ASPM L0 link state power management
• Legacy interrupt signaling and MSI interrupts
• Native Hot Plug support
PCI
• 32/64-bit addressing and 32-bit data
• Operates up to 66 MHz
• Up to eight outstanding memory reads
• PCI clock outputs for up to four devices
• Four external PCI masters supported through internal arbiter
• 3.3V PCI I/Os, 5V tolerant
• MSI generation and handling using interrupt and GPIO signals




Similar Part No. - TSI382

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TSI382A IDT-TSI382A Datasheet
401Kb / 2P
Legacy mode support for subtractive decode
More results


Similar Description - TSI382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
logo
Oxford Semiconductor
UHP112 OXFORD-UHP112 Datasheet
141Kb / 8P
Two-Port PCI-to-USB OpenHCI Host Controller - Product Brief
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
List of Unclassifed Man...
TSI384-133ILV ETC2-TSI384-133ILV Datasheet
77Kb / 2P
Tsi384??PCIe짰 to PCI/X Bridge Product Brief
logo
OmniVision Technologies...
OV580 OMNIVISION-OV580 Datasheet
440Kb / 2P
3D bridge chip product brief
logo
Renesas Technology Corp
TSI381 RENESAS-TSI381 Datasheet
289Kb / 3P
PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI384 RENESAS-TSI384 Datasheet
251Kb / 3P
PCIe® to PCI/X Bridge Product Brief
August 13, 2009
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
Canyon3Dä2LE PCI Audio Accelerator Product Brief
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com