Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC138A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC138A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC138A
Download  74LVC138A Download
File Size   258.69 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74LVC138A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC138A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC138A
Download  74LVC138A Click to download

File Size   258.69 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74LVC138A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC138A Product details

1. General description
The 74LVC138A decodes three binary weighted address inputs (A0, A1 and A2) to eight mutually
exclusive outputs (Y0 to Y7). The 74LVC138A features three enable inputs (E1, E2 and E3). Every
output will be HIGH unless E1 and E2 are LOW and E3 is HIGH. This multiple enable function
allows easy parallel expansion of the 74LVC138A to a 1-of-32 (5 to 32 lines) decoder with just four
74LVC138A ICs and one inverter. The 74LVC138A can be used as an eight output demultiplexer
by using one of the active LOW enable inputs as the data input and the remaining enable inputs as
strobes. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Mutually exclusive outputs
• Output drive capability 50 Ω transmission lines at 125 °C
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LVC138A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC138A PHILIPS-74LVC138A Datasheet
94Kb / 10P
3-to-8 line decoder/demultiplexer; inverting
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100_V01 Datasheet
134Kb / 15P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1 4 April 2013
logo
NXP Semiconductors
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74LVC138ABQ-Q100 NEXPERIA-74LVC138ABQ-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
More results


Similar Description - 74LVC138A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
3-to-8 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com