Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC138A Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC138A
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC138A Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC138A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
001aad035
74LVC138A
GND(1)
Y7
Y5
E3
Y4
E2
Y3
E1
Y2
A2
Y1
A1
Y0
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 6. Pin configuration SOT763-1 (DHVQFN16)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
A0, A1, A2
1, 2, 3
address input
E1, E2
4, 5
enable input (active LOW)
E3
6
enable input (active HIGH)
GND
8
ground (0 V)
Y0, Y1, Y2, Y3, Y4, Y5, Y6, Y7
15, 14, 13, 12, 11, 10, 9, 7
output
VCC
16
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care
Input
Output
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
X
X
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
X
X
L
X
X
X
H
H
H
H
H
H
H
H
L
L
L
L
H
H
H
H
H
H
H
H
L
L
H
L
H
H
H
H
H
H
L
H
L
H
H
L
H
H
H
H
H
H
H
L
H
H
H
L
H
H
H
H
L
L
H
H
H
H
H
L
H
H
H
H
L
H
H
H
H
H
H
L
H
H
L
H
H
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
L
74LVC138A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 20 September 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com