Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC138A Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74LVC138A
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC138A Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC138A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC138A Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Nexperia
74LVC138A
3-to-8 line decoder/demultiplexer; inverting
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.6
3.4
Dh
2.15
1.85
y1
2.6
2.4
1.15
0.85
e1
2.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT763-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT763-1
DHVQFN16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
16 terminals; body 2.5 x 3.5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
2
7
15
10
9
8
1
16
X
D
E
C
B A
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
02-10-17
03-01-27
Fig. 12. Package outline SOT763-1 (DHVQFN16)
74LVC138A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 20 September 2021
11 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com