Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC374A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC374A
Download  74LVC374A Download
File Size   271.57 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state

74LVC374A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC374A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC374A
Download  74LVC374A Click to download

File Size   271.57 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state

74LVC374A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC374A Product details

1. General description
The 74LVC374A is an octal positive-edge triggered D-type flip-flop with 3-state outputs. The
device features a clock (CP) and output enable (OE) inputs. The flip-flops will store the state of
their individual D-inputs that meet the set-up and hold time requirements on the LOW-to-HIGH
clock (CP) transition. A HIGH on OE causes the outputs to assume a high-impedance OFF-state.
Operation of the OE input does not affect the state of the flip-flops. Inputs can be driven from either
3.3 V or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and
5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• CMOS low power dissipation
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• 8-bit positive edge-triggered register
• Independent register and 3-state buffer operation
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
logo
Diodes Incorporated
74LVC374A DIODES-74LVC374A Datasheet
444Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Rev 1
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
More results


Similar Description - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC574A PHILIPS-74LVC574A Datasheet
99Kb / 10P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com