Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC374A Datasheet (PDF) - Diodes Incorporated

74LVC374A Datasheet PDF - Diodes Incorporated
Part # 74LVC374A
Download  74LVC374A Download
File Size   444.4 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS

74LVC374A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC374A Datasheet PDF - Diodes Incorporated

Part # 74LVC374A
Download  74LVC374A Click to download

File Size   444.4 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS

74LVC374A Datasheet (HTML) - Diodes Incorporated


74LVC374A Product details

Description
The 74LVC374A provides eight edge-triggered D-type flip-flops featuring 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. These devices are particularly suitable for implementing buffer registers, input/output (I/O) ports, bidirectional bus drivers, and working registers. On the positive transition of the clock (CLK) input, the Q outputs are set to the logic levels set up at the data (D) inputs. A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without interface or pullup components. OE does not affect internal operations of the latch. Old data can be retained or new data can be entered while the outputs are in the high impedance state.
The ‘374A is functionally identical to the ‘574A, but the’574 has a different pin arrangement.
The device is designed for operation with a power supply range of 1.65V to 3.6V. The device is fully specified for partial power down applications using IOFF.

Features
• Supply Voltage Range from 1.65V to 3.6V
• Sinks or Sources 24ma at VCC = 3V
• CMOS Low Power Consumption
• IOFF Supports Partial Power Down Operation
• Inputs or Outputs Accept Up to 5.5V
• Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage Applications
• Schmitt Trigger Action at All Inputs
• Typical VOLP (Quiet Output Ground Bounce) Less Than 0.8V with
   VCC = 3.3V and TA = +25°C
• Typical VOHV (Quiet Output dynamic VOH) Greater than 2.0V with
   VCC = 3.3V and TA = +25°C
• ESD Protection Tested per JESD 22
   ▪ Exceeds 200-V Machine Model (A115)
   ▪ Exceeds 2000-V Human Body Model (A114)
   ▪ Exceeds 1000-V Charged Device Model (C101)
• Latch-Up Exceeds 250mA per JESD 78, Class I
• All devices are:
   ▪ Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
   ▪ Halogen and Antimony Free. “Green” Device (Note 3)
  
Applications
• General Purpose Logic
• Bus Driving
• Power Down Signal Isolation
• Wide array of products such as:
   ▪ PCs, Notebooks, Netbooks, Ultrabooks
   ▪ Networking Computer Peripherals, Hard Drives, CD/DVD ROM
   ▪ TV, DVD, DVR, Set Top Box




Similar Part No. - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results


Similar Description - 74LVC374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
Octal D-type flip-flop with 3-state outputs
January 1995
logo
Fairchild Semiconductor
74ABT574 FAIRCHILD-74ABT574 Datasheet
120Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com