Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0888A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0888A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0888A
Download  TZ0888A Download
File Size   202.83 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 4.0x2.5 26.0MHz Crystal Unit

TZ0888A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0888A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0888A
Download  TZ0888A Click to download

File Size   202.83 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 4.0x2.5 26.0MHz Crystal Unit

TZ0888A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0888A Product details

Features:
Surface Mount Seam Weld Package
Excellent Aging
Good Frequency Perturbation and Stability over Temperature
Ultra Miniature Package

Description and Applications:
Surface mount 4.0mmx2.5mm crystal unit for use in wireless telecommunications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0888A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0881A TAI-SAW-TZ0881A Datasheet
189Kb / 5P
SMD 5.0x3.2 9.6MHz Crystal Unit
REV. NO.: 1
TZ0886A TAI-SAW-TZ0886A Datasheet
339Kb / 7P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 2
TZ0887A TAI-SAW-TZ0887A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.9344MHz
REV. NO.: 3
TZ0889A TAI-SAW-TZ0889A Datasheet
194Kb / 5P
SMD 2.5x2.0mm 30.00MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0888A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0205A TAI-SAW-TZ0205A Datasheet
234Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 3
TZ0292A TAI-SAW-TZ0292A Datasheet
198Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 2
TZ0298A TAI-SAW-TZ0298A Datasheet
192Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 6
TZ0306A TAI-SAW-TZ0306A Datasheet
234Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 2
TZ0312A TAI-SAW-TZ0312A Datasheet
233Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 2
TZ0599A TAI-SAW-TZ0599A Datasheet
226Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 2
TZ0735A TAI-SAW-TZ0735A Datasheet
182Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
TZ0763A TAI-SAW-TZ0763A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ0980A TAI-SAW-TZ0980A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ1187E TAI-SAW-TZ1187E Datasheet
195Kb / 8P
Crystal Unit SMD 2.0x1.6 26.0MHz
REV. NO.: 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com