Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0889A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0889A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0889A
Download  TZ0889A Download
File Size   194.19 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0mm 30.00MHz Crystal Unit

TZ0889A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0889A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0889A
Download  TZ0889A Click to download

File Size   194.19 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0mm 30.00MHz Crystal Unit

TZ0889A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0889A Product details

Features:
Ceramic Seam Weld Package
Excellent Reliability Performance
Ultra Miniature Package
Available to Surface Mount Technology and IR Reflow Process

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0889A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0881A TAI-SAW-TZ0881A Datasheet
189Kb / 5P
SMD 5.0x3.2 9.6MHz Crystal Unit
REV. NO.: 1
TZ0886A TAI-SAW-TZ0886A Datasheet
339Kb / 7P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 2
TZ0887A TAI-SAW-TZ0887A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.9344MHz
REV. NO.: 3
TZ0888A TAI-SAW-TZ0888A Datasheet
202Kb / 5P
SMD 4.0x2.5 26.0MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0889A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0718A TAI-SAW-TZ0718A Datasheet
186Kb / 5P
SMD 2.5x2.0mm, 18.432MHz Crystal Unit
REV. NO.: 1
TZ0830A TAI-SAW-TZ0830A Datasheet
194Kb / 5P
SMD 2.5x2.0mm 30.00MHz Crystal Unit
REV. NO.: 1
TZ1125A TAI-SAW-TZ1125A Datasheet
201Kb / 5P
SMD 2.5x2.0mm 25.00MHz Crystal Unit
REV. NO.: 1
TZ1361A TAI-SAW-TZ1361A Datasheet
201Kb / 5P
SMD 2.5x2.0mm, 18.432MHz Crystal Unit
REV. NO.: 1
TZ1403A TAI-SAW-TZ1403A Datasheet
201Kb / 5P
SMD 2.5x2.0mm 25.00MHz Crystal Unit
REV. NO.: 1
TZ1779A TAI-SAW-TZ1779A Datasheet
432Kb / 7P
Crystal Unit SMD 3.2x2.5 30.00MHz
REV. NO.: 1
TZ1780A TAI-SAW-TZ1780A Datasheet
430Kb / 7P
Crystal Unit SMD 3.2x2.5 30.00MHz
REV. NO.: 1
TZ2574B TAI-SAW-TZ2574B Datasheet
126Kb / 7P
Crystal Unit SMD 3.2x2.5 30.00MHz
REV. NO.: 2
TZ2574CA41BH TAI-SAW-TZ2574CA41BH Datasheet
123Kb / 7P
Crystal Unit SMD 3.2x2.5 30.00MHz
REV. NO.: 1
TZ2624A TAI-SAW-TZ2624A Datasheet
224Kb / 8P
Crystal Unit SMD 3.2x2.5 30.00MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com