Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0968A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0968A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0968A
Download  TZ0968A Download
File Size   347.04 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0 24.0MHz Crystal Unit

TZ0968A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0968A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0968A
Download  TZ0968A Click to download

File Size   347.04 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 2.5x2.0 24.0MHz Crystal Unit

TZ0968A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0968A Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 2.5mmx2.0mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ0968A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0900A TAI-SAW-TZ0900A Datasheet
195Kb / 5P
SMD 5.0x3.2 20.000MHz Crystal Unit
REV. NO.: 1
TZ0901A TAI-SAW-TZ0901A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0902A TAI-SAW-TZ0902A Datasheet
343Kb / 7P
SMD 2.5x2.0 52.4288MHz Crystal Unit
REV. NO.: 1
TZ0906A TAI-SAW-TZ0906A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 38.4000MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
More results


Similar Description - TZ0968A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0847BA5544 TAI-SAW-TX0847BA5544 Datasheet
153Kb / 8P
TCXO SMD 2.5x2.0 24.0MHz
REV. NO.: 1
TZ0522A TAI-SAW-TZ0522A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 3
TZ0692B TAI-SAW-TZ0692B Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 24.0MHz
REV. NO.: 4
TZ1026A TAI-SAW-TZ1026A Datasheet
195Kb / 5P
SMD 2.5x2.0 24.0MHz Crystal Unit
REV. NO.: 1
TZ1026D TAI-SAW-TZ1026D Datasheet
161Kb / 7P
Crystal Unit SMD 2.5x2.0 24.0MHz
REV. NO.: 1
TZ1029A TAI-SAW-TZ1029A Datasheet
343Kb / 7P
SMD 2.5x2.0 24.0MHz Crystal Unit
REV. NO.: 2
TZ1356A TAI-SAW-TZ1356A Datasheet
369Kb / 8P
Crystal Unit SMD 2.5x2.0 24.0MHz
REV. NO.: 3
TZ1620A TAI-SAW-TZ1620A Datasheet
177Kb / 8P
Crystal Unit SMD 2.0x1.6 24.0MHz
REV. NO.: 3.0
TZ2068B TAI-SAW-TZ2068B Datasheet
196Kb / 8P
Crystal Unit SMD 2.0x1.6 24.0MHz
REV. NO.: 4
TZ2068C TAI-SAW-TZ2068C Datasheet
164Kb / 8P
Crystal Unit SMD 2.0x1.6 24.0MHz
REV. NO.: 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com