Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0972A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0972A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0972A
Download  TZ0972A Download
File Size   192.49 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 16.3676MHz Crystal Unit

TZ0972A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0972A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0972A
Download  TZ0972A Click to download

File Size   192.49 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 5.0x3.2 16.3676MHz Crystal Unit

TZ0972A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0972A Product details

Features:
Surface Mount Seam Weld Package
Excellent Reliability test
Good Frequency Perturbation and Stability over temperature

Description and Applications:
Surface mount 5.0mmx3.2mm crystal unit for use in wireless telecommunications devices.




Similar Part No. - TZ0972A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0977A TAI-SAW-TZ0977A Datasheet
195Kb / 5P
SMD 2.5x2.0 40MHz Crystal Unit
REV. NO.: 1
TZ0977B TAI-SAW-TZ0977B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ0977C TAI-SAW-TZ0977C Datasheet
139Kb / 8P
Crystal Unit SMD 2.5x2.0 40.0MHz
REV. NO.: 3
TZ0977D TAI-SAW-TZ0977D Datasheet
376Kb / 8P
Crystal Unit SMD 2.5x2.0 40.0MHz
REV. NO.: 2
TZ0977E TAI-SAW-TZ0977E Datasheet
377Kb / 8P
Crystal Unit SMD 2.5x2.0 40MHz
REV. NO.: 1
More results


Similar Description - TZ0972A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0732A TAI-SAW-TZ0732A Datasheet
182Kb / 5P
SMD 5.0x3.2 35.00MHz Crystal Unit
REV. NO.: 1
TZ0773A TAI-SAW-TZ0773A Datasheet
180Kb / 5P
SMD 5.0x3.2 24.576MHz Crystal Unit
REV. NO.: 1
TZ0829A TAI-SAW-TZ0829A Datasheet
189Kb / 5P
SMD 5.0x3.2 16.369MHz Crystal Unit
REV. NO.: 1
TZ0848A TAI-SAW-TZ0848A Datasheet
189Kb / 5P
SMD 5.0x3.2 27.456MHz Crystal Unit
REV. NO.: 1
TZ0863A TAI-SAW-TZ0863A Datasheet
189Kb / 5P
SMD 5.0x3.2 10.368MHz Crystal Unit
REV. NO.: 1
TZ0881A TAI-SAW-TZ0881A Datasheet
189Kb / 5P
SMD 5.0x3.2 9.6MHz Crystal Unit
REV. NO.: 1
TZ0899A TAI-SAW-TZ0899A Datasheet
195Kb / 5P
SMD 5.0x3.2 16.369MHz Crystal Unit
REV. NO.: 1
TZ1015A TAI-SAW-TZ1015A Datasheet
195Kb / 5P
SMD 5.0x3.2 16.36625MHz Crystal Unit
REV. NO.: 1
TZ1108A TAI-SAW-TZ1108A Datasheet
185Kb / 5P
SMD 5.0x3.2 21.1416MHz Crystal Unit
REV. NO.: 1
TZ1408A TAI-SAW-TZ1408A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.3676MHz
REV. NO.: 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com