Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9541NH Datasheet (PDF) - Belden Inc.

9541NH Datasheet PDF - Belden Inc.
Part # 9541NH
Download  9541NH Download
File Size   163.54 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca

9541NH Datasheet (PDF)

Go To PDF Page Download Datasheet
9541NH Datasheet PDF - Belden Inc.

Part # 9541NH
Download  9541NH Click to download

File Size   163.54 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca

9541NH Datasheet (HTML) - Belden Inc.


9541NH Product details

Product Description
24 AWG stranded (7x32) tinned copper conductors, 15 conductors cabled, PE insulation, overall Beldfoil® shield (100% coverage), 24 AWG stranded tinned
copper drain wire, LSZH jacket, Flame resistance IEC 60332-3-24




Similar Part No. - 9541NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9541 ETC1-9541 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Festo Corporation.
9541 FESTO-9541 Datasheet
81Kb / 2P
Ball valve
4/15/22
logo
Belden Inc.
9541 BELDEN-9541 Datasheet
163Kb / 2P
RS232, #24-15c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
logo
Keystone Electronics Co...
9541 KEYSTONE-9541 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Time Electronics Ltd.
9541 TIME-ELECTRONICS-9541 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
More results


Similar Description - 9541NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9503NH BELDEN-9503NH Datasheet
149Kb / 3P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-20-2022
9536NH BELDEN-9536NH Datasheet
161Kb / 3P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-19-2022
9506NH BELDEN-9506NH Datasheet
163Kb / 3P
RS-232, 6PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9507NH BELDEN-9507NH Datasheet
166Kb / 3P
RS-232, 7PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9504NH BELDEN-9504NH Datasheet
162Kb / 3P
RS-232, 4PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9505NH BELDEN-9505NH Datasheet
165Kb / 3P
RS-232, 5PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9534NH BELDEN-9534NH Datasheet
158Kb / 3P
RS-232, 4C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
01-24-2023
9501NH BELDEN-9501NH Datasheet
152Kb / 2P
RS-232, 1PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9508NH BELDEN-9508NH Datasheet
230Kb / 3P
RS-232, 8PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9510NH BELDEN-9510NH Datasheet
166Kb / 3P
RS-232, 10PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com