Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9541NH Datasheet(PDF) 1 Page - Belden Inc.

Part # 9541NH
Description  RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9541NH Datasheet(HTML) 1 Page - Belden Inc.

  9541NH Datasheet HTML 1Page - Belden Inc. 9541NH Datasheet HTML 2Page - Belden Inc. 9541NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 9541NH
RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
Product Description
24 AWG stranded (7x32) tinned copper conductors, 15 conductors cabled, PE insulation, overall Beldfoil® shield (100% coverage), 24 AWG stranded tinned
copper drain wire, LSZH jacket, Flame resistance IEC 60332-3-24
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For EIA RS-232 data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
24
7x32
TC - Tinned Copper 15
Conductor Count:
15
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene 1.12 mm
0.05 mm
Color Chart
Number
Color
Wire 1 (central) Black
Wire 2 (central) White
Wire 3 (central) Red
Wire 4 (central) Green
Wire 5
Orange
Wire 6
Blue
Wire 7
Black/White
Wire 8
Black/Red
Wire 9
Black/Green
Wire 10
Black/Orange
Wire 11
Black/Blue
Wire 12
Black/White
Wire 13
White/Red
Wire 14
White/Green
Wire 15
White/Blue
Outer Shield
Type
Material
Material Trade Name Thickness of Foil Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
9 / 23 µm
TC - Tinned Copper AWG24/7
Outer Jacket
Material
Nominal Diameter Min. Wall Thickness Min. Average Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 7.4 mm
0.65 mm
0.80 mm


Similar Part No. - 9541NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9541 ETC1-9541 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Festo Corporation.
9541 FESTO-9541 Datasheet
81Kb / 2P
Ball valve
4/15/22
logo
Belden Inc.
9541 BELDEN-9541 Datasheet
163Kb / 2P
RS232, #24-15c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
logo
Keystone Electronics Co...
9541 KEYSTONE-9541 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Time Electronics Ltd.
9541 TIME-ELECTRONICS-9541 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
More results

Similar Description - 9541NH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9503NH BELDEN-9503NH Datasheet
149Kb / 3P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-20-2022
9536NH BELDEN-9536NH Datasheet
161Kb / 3P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-19-2022
9506NH BELDEN-9506NH Datasheet
163Kb / 3P
RS-232, 6PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9507NH BELDEN-9507NH Datasheet
166Kb / 3P
RS-232, 7PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9504NH BELDEN-9504NH Datasheet
162Kb / 3P
RS-232, 4PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9505NH BELDEN-9505NH Datasheet
165Kb / 3P
RS-232, 5PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9534NH BELDEN-9534NH Datasheet
158Kb / 3P
RS-232, 4C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
01-24-2023
9501NH BELDEN-9501NH Datasheet
152Kb / 2P
RS-232, 1PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9508NH BELDEN-9508NH Datasheet
230Kb / 3P
RS-232, 8PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-16-2022
9510NH BELDEN-9510NH Datasheet
166Kb / 3P
RS-232, 10PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-09-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com