Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R525P Datasheet (PDF) - Lin Eng. Inc.

R525P Datasheet PDF - Lin Eng. Inc.
Part # R525P
Download  R525P Download
File Size   618.34 Kbytes
Page   5 Pages
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.
Description STEPPER DRIVER CONTROLLER

R525P Datasheet (PDF)

Go To PDF Page Download Datasheet
R525P Datasheet PDF - Lin Eng. Inc.

Part # R525P
Download  R525P Click to download

File Size   618.34 Kbytes
Page   5 Pages
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.
Description STEPPER DRIVER CONTROLLER

R525P Datasheet (HTML) - Lin Eng. Inc.


R525P Product details

FEATURES AND BENEFITS
• Operates from +12 to 48 VDC
• Software selectable run currents from 0.1 to
5.0 Amp Peak
• Software selectable hold currents from 0 to
5.0 Amp Peak (in 0.05 Amp increments)
• Step Resolutions from Full step to 256x Microstepping
• Communicating using RS485 and USB
• Operates in both Open loop and Closed loop
modes
• Programmable analog input to change velocity
and position.
• Programmable digital output for feedback.




Similar Part No. - R525P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R52 ETC2-R52 Datasheet
150Kb / 1P
Socket pins for .055 Diameter Holes
logo
VECTOR ELECTRONICS AND ...
R52/C VECTOR-R52/C Datasheet
550Kb / 1P
Pins,Terminals and Solder Washers
R52/M VECTOR-R52/M Datasheet
550Kb / 1P
Pins,Terminals and Solder Washers
logo
Rohm
R5205CND ROHM-R5205CND Datasheet
204Kb / 6P
10V Drive Nch MOSFET
R5205PND3FRA ROHM-R5205PND3FRA Datasheet
2Mb / 14P
Nch 525V 5A Power MOSFET
More results


Similar Description - R525P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3517 NJRC-NJM3517 Datasheet
187Kb / 12P
STEPPER MOTOR CONTROLLER / DRIVER
logo
Texas Instruments
DRV8821 TI-DRV8821 Datasheet
401Kb / 17P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_10 Datasheet
337Kb / 16P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1001 TI-DRV8821_1001 Datasheet
830Kb / 22P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821_1007 TI-DRV8821_1007 Datasheet
664Kb / 20P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI-DRV8821_15 Datasheet
877Kb / 23P
DUAL STEPPER MOTOR CONTROLLER/DRIVER
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
Dual Stepper Motor Controller and Driver
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R256 LINENGINEERING-R256 Datasheet
688Kb / 5P
STEPPER DRIVER CONTROLLER
R356 LINENGINEERING-R356 Datasheet
1Mb / 5P
STEPPER DRIVER CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com