Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1025 Datasheet (PDF) - Lin Eng. Inc.

R1025 Datasheet PDF - Lin Eng. Inc.
Part # R1025
Download  R1025 Download
File Size   910.76 Kbytes
Page   5 Pages
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.
Description STEPPER DRIVER

R1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
R1025 Datasheet PDF - Lin Eng. Inc.

Part # R1025
Download  R1025 Click to download

File Size   910.76 Kbytes
Page   5 Pages
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.
Description STEPPER DRIVER

R1025 Datasheet (HTML) - Lin Eng. Inc.


R1025 Product details

FEATURES AND BENEFITS
• Operates from +12 to 80 VDC
• Selectable run currents from 0.8 to 10 Amps
Peak Holding and Running Torque
• Step Resolutions from Full step, 2x, 4x, 5x,
8x, 10x, 16x, 25x, 32x, 50x, 64x, 100x, 125x,
128x, 250x, 256x Microstepping
• Optically isolated inputs that can sink and
source (3 to 24 VDC, 16mAmps)
• Selectable Damping modes for smooth motion
• Easy to conzgure without connecting to PC,
utiliLes DIP switches (Run and hold current,
Step resolution, Smoothness setting)
• Operating temperature of -40C to 85C
• Operates in ambient temperature of -20C to
50C




Similar Part No. - R1025

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R102 SANKEN-R102 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
More results


Similar Description - R1025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com