Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1025 Datasheet(PDF) 4 Page - Lin Eng. Inc.

Part # R1025
Description  STEPPER DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R1025 Datasheet(HTML) 4 Page - Lin Eng. Inc.

  R1025 Datasheet HTML 1Page - Lin Eng. Inc. R1025 Datasheet HTML 2Page - Lin Eng. Inc. R1025 Datasheet HTML 3Page - Lin Eng. Inc. R1025 Datasheet HTML 4Page - Lin Eng. Inc. R1025 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EGECTRICAG SPECIFICATIONS
• Operates from +12 to 80 VDC • Selectable phase currents from 0.8 to 10.0 Amps Peak• Isolated inputs: Step, Direction, and
Disable • Step frequency (max): 1.0 MHz• Steps per revolution (1.8° motor): 200, 400, 800, 1600, 2000, 3200, 5000, 6400,
10000, 12800, 25000, 25600, 50000, 51200}• Microstep Resolutions (1.8° motor): Full step, 2X, 4X, 5X, 8X, 10X, 16X, 25X, 32X,
50X, 64X,125, 128X, 250X, 256X• Operating Temperature: -20°C to +85°C
DEFAUGT SETTINS
Direction of Rotation
Counterclockwise
Step Resolution
8x step (3200 steps/ rev)
Run Current
Motor's rated current or up to 5 Amps Peak
if motor is rated for 5 or higher
Holding Torque
0.5 Amp/ Phase
Smoothness Setting
2
Step Signal Sensing
Senses on the Rising Edge or positive edge
Disable Active
Low or oV signal to disable unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com