Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1025 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R1025
Description  STEPPER DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R1025 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R1025 Datasheet HTML 1Page - Lin Eng. Inc. R1025 Datasheet HTML 2Page - Lin Eng. Inc. R1025 Datasheet HTML 3Page - Lin Eng. Inc. R1025 Datasheet HTML 4Page - Lin Eng. Inc. R1025 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R1025
R1025
STEPPER DRIVER
FEATURES AND BENEFITS
• Operates from +12 to 80 VDC
• Selectable run currents from 0.8 to 10 Amps
Peak Holding and Running Torque
• Step Resolutions from Full step, 2x, 4x, 5x,
8x, 10x, 16x, 25x, 32x, 50x, 64x, 100x, 125x,
128x, 250x, 256x Microstepping
• Optically isolated inputs that can sink and
source (3 to 24 VDC, 16mAmps)
• Selectable Damping modes for smooth mo-
tion
• Easy to conzgure without connecting to PC,
utiliLes DIP switches (Run and hold current,
Step resolution, Smoothness setting)
• Operating temperature of -40C to 85C
• Operates in ambient temperature of -20C to
50C
OUT PUTS
FUNCTION
PIN NAME
DESCRIPTION
EGECTRICAG SPECS.
POWER/ MOTOR
GND
GND. Connect the negative
end of Power Supply here
GND
 
+VDC
Power. Connect Positive end
of Power Supply here. DO
NOT EXCEED MAX VOLTAGE
RATING OF 80VDC!
Voltage Input: 12 - 80VDC
 
B-
Phase B Bar Motor Connec-
tion
Phase currents from 0.8 to
10A Peak Current Chopping
Frequency: 22KHz
 
B
Phase B Motor Connection
Phase currents from 0.8 to
10A Peak Current Chopping
Frequency: 22KHz
 
A-
Phase A Bar Motor Connec-
tion
Phase currents from 0.8 to
10A Peak Current Chopping
Frequency: 22KHz
 
A
Phase A Motor Connection
Phase currents from 0.8 to
10A Peak Current Chopping
Frequency: 22KHz
LOGIC
GND
Logic GND
GND


Similar Part No. - R1025

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R102 SANKEN-R102 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
More results

Similar Description - R1025

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com