Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1025 Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # R1025
Description  STEPPER DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R1025 Datasheet(HTML) 2 Page - Lin Eng. Inc.

  R1025 Datasheet HTML 1Page - Lin Eng. Inc. R1025 Datasheet HTML 2Page - Lin Eng. Inc. R1025 Datasheet HTML 3Page - Lin Eng. Inc. R1025 Datasheet HTML 4Page - Lin Eng. Inc. R1025 Datasheet HTML 5Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
COM (Input)
Opto Common input. Used
to Optically Isolate the In-
put when a separate supply
is connected. Connecting the
+5VDC will make the Inputs
Functional but the Inputs will
NOT be Isolated. Note COM
needs to be powered either
by a separate supply or the
+5VDC Pin in order for the In-
put/ Outputs to function.
Voltage: 3 - 24 VDC
Max Current: 20mA
 
DISABLE (Input)
Used to Disable drive. Active
Low. A closed connection to
GND will Disable the drive.
This is a Sink or Source Input
Voltage: 3 - 24 VDC
Max Current: 20mA
 
STEP (Input)
The Step output from a Pulse
Generator is Input into this
pin. Both an NPN and a PNP
type PLC can be used for this
input. Refer to Connection Di-
agrams for help
Voltage: 3 - 24 VDC
Max Current: 20mA
 
DIR (Input)
Used to switch Direction
of motor. Active Low. A
closed connection to GND will
change direction. This is a
Sink or Source Input.
Voltage: 3 - 24 VDC
Max Current: 20mA
 
+5 VDC (Input)
Internal +5VDC Output. If Op-
tical Isolation is not desired
then it can be connected to
COM Pin. DO NOT USE FOR
EXTERNAL CIRCUITRY!
Voltage: 5 VDC
Max Current: 80mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com