Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-1181-28 Datasheet (PDF) - Lite-On Technology Corporation

PA-1181-28 Datasheet PDF - Lite-On Technology Corporation
Part # PA-1181-28
Download  PA-1181-28 Download
File Size   289.44 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Laptop Power Adapter

PA-1181-28 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1181-28 Datasheet PDF - Lite-On Technology Corporation

Part # PA-1181-28
Download  PA-1181-28 Click to download

File Size   289.44 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Laptop Power Adapter

PA-1181-28 Datasheet (HTML) - Lite-On Technology Corporation


PA-1181-28 Product details

Features
* Full AC input voltage design with C6 socket
* Withstand 300Vac surge voltage for 5 seconds
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature operating.
* Energy efficiency level VI compliance
* Various DC plug types available
* IEC/EN 62368-1 design compliance
* Up to 5000 meters operating altitude (note #4)
* High reliability




Similar Part No. - PA-1181-28

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1181-28E LITEON-PA-1181-28E Datasheet
336Kb / 3P
Industrial Adapter 12V & 24V Series
More results


Similar Description - PA-1181-28

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1121-10 LITEON-PA-1121-10 Datasheet
286Kb / 3P
Laptop Power Adapter
PA-1131-26 LITEON-PA-1131-26 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1131-76 LITEON-PA-1131-76 Datasheet
310Kb / 3P
Laptop Power Adapter
PA-1151-08 LITEON-PA-1151-08 Datasheet
287Kb / 3P
Laptop Power Adapter
PA-1181-16 LITEON-PA-1181-16 Datasheet
296Kb / 3P
Laptop Power Adapter
PA-1231-16 LITEON-PA-1231-16 Datasheet
298Kb / 3P
Laptop Power Adapter
PA-1231-72 LITEON-PA-1231-72 Datasheet
311Kb / 3P
Laptop Power Adapter
PA-1450-26 LITEON-PA-1450-26 Datasheet
316Kb / 3P
Laptop Power Adapter
PA-1650-50 LITEON-PA-1650-50 Datasheet
301Kb / 3P
Laptop Power Adapter
PA-1900-88TA LITEON-PA-1900-88TA Datasheet
336Kb / 3P
Laptop Power Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com