Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-1181-28E Datasheet (PDF) - Lite-On Technology Corporation

PA-1181-28E Datasheet PDF - Lite-On Technology Corporation
Part # PA-1181-28E
Download  PA-1181-28E Download
File Size   336.33 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter 12V & 24V Series

PA-1181-28E Datasheet (PDF)

Go To PDF Page Download Datasheet
PA-1181-28E Datasheet PDF - Lite-On Technology Corporation

Part # PA-1181-28E
Download  PA-1181-28E Click to download

File Size   336.33 Kbytes
Page   3 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Industrial Adapter 12V & 24V Series

PA-1181-28E Datasheet (HTML) - Lite-On Technology Corporation


PA-1181-28E Product details

Features
* Full AC input voltage design with C6 socket
* Withstand 300Vac surge voltage for 5 seconds
* Full Protections: Short-circuit/ Over-voltage/ Over-current/ Over temperature operating.
* Energy efficiency level VI compliance
* Slim and compact in size
* Various DC plug types available
* IEC/EN 62368-1 design compliance
* Up to 5000 meters operating altitude (note #4)




Similar Part No. - PA-1181-28E

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PA-1181-28 LITEON-PA-1181-28 Datasheet
289Kb / 3P
Laptop Power Adapter
More results


Similar Description - PA-1181-28E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Lite-On Technology Corp...
HA-1400-12 LITEON-HA-1400-12 Datasheet
307Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
Industrial Adapter 12V Series
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
Industrial Adapter 12V Series
PA-1331-92E LITEON-PA-1331-92E Datasheet
381Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com