Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TID1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TID1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TID1
Download  TID1 Download
File Size   461.0 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input Voltage 12V DC, 24V DC

TID1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TID1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TID1
Download  TID1 Click to download

File Size   461.0 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input Voltage 12V DC, 24V DC

TID1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TID1 Product details

General Features
Number of motors 1~2
Number of controls 1
Max. output 12V DC, 20A
24V DC, 10A
IP rating IP69K
Input Voltage 12V DC, 24V DC
Color Black
Operational temperature range -35°C~+75°C




Similar Part No. - TID1

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
TID-600R HANWHAVISION-TID-600R Datasheet
316Kb / 2P
White Skin
TID-600R HANWHAVISION-TID-600R Datasheet
950Kb / 3P
Back Box
TID-600R HANWHAVISION-TID-600R Datasheet
380Kb / 2P
Tilt Mount
TID-600R HANWHAVISION-TID-600R Datasheet
412Kb / 2P
Flush Mount with Cover
TID-600R HANWHAVISION-TID-600R Datasheet
808Kb / 5P
2MP Intercom
More results


Similar Description - TID1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
24V Input Maxi Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
24V Input Micro Family DC-DC Converter Module
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Nominal input voltage rails: 5V / 12V / 24V
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com