Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA19 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA19 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA19
Download  TA19 Download
File Size   716.38 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Voltage of motor 12V DC, 24V DC or 24V DC (PTC)

TA19 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA19 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA19
Download  TA19 Click to download

File Size   716.38 Kbytes
Page   8 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Voltage of motor 12V DC, 24V DC or 24V DC (PTC)

TA19 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA19 Product details

General Features
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
Maximum load 1,000N in push
Maximum speed at full load 30mm/s (with 800N in a push condition)
Stroke 180~800mm
Minimum installation dimension ≥ Stroke / 2+165mm
Certificate IEC60601-1, ES60601-1, EMC
Operational temperature range +5°C~+45°C
Options Hall sensors




Similar Part No. - TA19

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1900A TAI-SAW-TA1900A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
logo
Transko Electronics, In...
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
TD-SCDMA, RF SAW Filter
Revision 0: October 2011
logo
TAI-SAW TECHNOLOGY CO.,...
TA1901A TAI-SAW-TA1901A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
logo
Transko Electronics, In...
TA19026AD1 TRANSKO-TA19026AD1 Datasheet
565Kb / 4P
190.0 MHz IF SAW Filter / 26.45 MHz Bandwidth
Revision 0: 21. Apr. 2009
TA19026BD1 TRANSKO-TA19026BD1 Datasheet
528Kb / 4P
190.0 MHz IF SAW Filter / 26.40 MHz Bandwidth
Revision 0: 06. May 2009
More results


Similar Description - TA19

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
List of Unclassifed Man...
901150012EMS ETC2-901150012EMS Datasheet
383Kb / 2P
LED CV DC 150W 12V, 24V
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
List of Unclassifed Man...
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
57mm Brushless DC Motor, 120W, 24V
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
Discharging voltage 24V DC, 4A
20230927-E
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com