Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBB5 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TBB5 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TBB5
Download  TBB5 Download
File Size   279.14 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 24V DC, 4A

TBB5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBB5 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TBB5
Download  TBB5 Click to download

File Size   279.14 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 24V DC, 4A

TBB5 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TBB5 Product details

General Features
Battery type Lithium iron
Capacity 4Ah
Discharging voltage 24V DC, 4A
Charging voltage 29~40V DC
Color Black or grey
IP rating IP66W
Certificate UN38.3, IEC62133-2:2017
Operational temperature range +5°C~+45°C
LED indication (for charge / discharge status)




Similar Part No. - TBB5

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
TBB DIT-TBB Datasheet
1Mb / 2P
EMI/EMC FILTER
logo
Automatic Timing & Cont...
TBB ATC-TBB Datasheet
350Kb / 1P
Interval DIP Switch TDR
logo
Major League Electronic...
TBB-01-375 MAJOR-LEAGUE-TBB-01-375 Datasheet
104Kb / 2P
.375cl Barrier Terminal Block Non-Interlock
logo
Adam Technologies, Inc.
TBB-03-01-M ADAM-TECH-TBB-03-01-M Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBB-03-02-M ADAM-TECH-TBB-03-02-M Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
More results


Similar Description - TBB5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
Weidmuller
2580260000 WEIDMULLER-2580260000 Datasheet
268Kb / 5P
PRO INSTA 96W 24V 4A
logo
NHP Electrical Engineer...
1769-PB4 NHP-1769-PB4 Datasheet
627Kb / 1P
COMPACTLOGIX 4A POWER SUPPLY 24V DC
8 June 2023,
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
TBB2 TIMOTION-TBB2 Datasheet
193Kb / 3P
Discharging voltage 24V DC, 1.2A
20190729-F
TBB3 TIMOTION-TBB3 Datasheet
275Kb / 3P
Discharging voltage 25.2V DC, 1.8A
20180626-E
TBB6 TIMOTION-TBB6 Datasheet
244Kb / 3P
Discharging voltage 24V DC, 2.9 / 5A
20180626-D
TBB7 TIMOTION-TBB7 Datasheet
418Kb / 3P
Discharging voltage 24V DC, 2.9/5A
20230925-I
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com