Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBB3 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TBB3 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TBB3
Download  TBB3 Download
File Size   275.68 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 25.2V DC, 1.8A

TBB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBB3 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TBB3
Download  TBB3 Click to download

File Size   275.68 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 25.2V DC, 1.8A

TBB3 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TBB3 Product details

General Features
Battery type Lithium-ion
Capacity 1.8Ah
Discharging voltage 25.2V DC, 1.8A
Charging voltage 24~32V DC
Color Black or grey
IP rating IP54
Certificate IEC62133 : 2012
LED indicator (for charge / discharge status)
Buzzer alarm available




Similar Part No. - TBB3

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
TBB3001B ADAM-TECH-TBB3001B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBB3001M ADAM-TECH-TBB3001M Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBB3002B ADAM-TECH-TBB3002B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBB3002M ADAM-TECH-TBB3002M Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBB3003B ADAM-TECH-TBB3003B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
More results


Similar Description - TBB3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8366 INFINEON-TLE8366 Datasheet
1Mb / 19P
1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.0, 2009-05-18
TLD5085EJ INFINEON-TLD5085EJ_1 Datasheet
1Mb / 16P
1.8A DC/DC Step-Down Converter
Rev. 1.1, 2009-12-16
TLD5085EJ INFINEON-TLD5085EJ_15 Datasheet
528Kb / 19P
1.8A DC/DC Step-Down Converter
Revision 1.1 2015-03-10
IFX91041 INFINEON-IFX91041_11 Datasheet
1Mb / 17P
1.8A DC/DC Step-Down Voltage Regulator
Rev. 1.1, 2011-07-08
logo
TiMOTION Technology Co....
TBB10 TIMOTION-TBB10 Datasheet
209Kb / 3P
Capacity 25.2V DC / 2500mAh
20231219-D
TBB2 TIMOTION-TBB2 Datasheet
193Kb / 3P
Discharging voltage 24V DC, 1.2A
20190729-F
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
Discharging voltage 24V DC, 4A
20230927-E
TBB6 TIMOTION-TBB6 Datasheet
244Kb / 3P
Discharging voltage 24V DC, 2.9 / 5A
20180626-D
TBB7 TIMOTION-TBB7 Datasheet
418Kb / 3P
Discharging voltage 24V DC, 2.9/5A
20230925-I
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com