Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBB7 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TBB7 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TBB7
Download  TBB7 Download
File Size   418.22 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 24V DC, 2.9/5A

TBB7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBB7 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TBB7
Download  TBB7 Click to download

File Size   418.22 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Discharging voltage 24V DC, 2.9/5A

TBB7 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TBB7 Product details

Battery type Lead acid, Lithium
Capacity 2.9/5Ah (Lead acid); 2.5/4.5/10Ah (Lithium)
Discharging voltage 24V DC, 2.9/5A
Charging voltage 29~45V DC
Color Grey
IP rating IP66
Certificate IEC60601-1, ES60601-1
Operational temperature range +5°C~+45°C
LED indication (for charge/discharge status)
With built-in buzzer
Low standby power consumption
Detachable battery pack, battery capacity indicator




Similar Part No. - TBB7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TBB741 SIEMENS-TBB741 Datasheet
317Kb / 9P
Single Operational Amplifiers
TBB741G SIEMENS-TBB741G Datasheet
317Kb / 9P
Single Operational Amplifiers
TBB742 SIEMENS-TBB742 Datasheet
317Kb / 9P
Single Operational Amplifiers
TBB742G SIEMENS-TBB742G Datasheet
317Kb / 9P
Single Operational Amplifiers
More results


Similar Description - TBB7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS2405IDD23 LITTELFUSE-LS2405IDD23 Datasheet
1Mb / 8P
24V, 5A Very Low Forward Voltage Diode
2022 Littelfuse, Inc
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
TBB2 TIMOTION-TBB2 Datasheet
193Kb / 3P
Discharging voltage 24V DC, 1.2A
20190729-F
TBB3 TIMOTION-TBB3 Datasheet
275Kb / 3P
Discharging voltage 25.2V DC, 1.8A
20180626-E
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
Discharging voltage 24V DC, 4A
20230927-E
TBB6 TIMOTION-TBB6 Datasheet
244Kb / 3P
Discharging voltage 24V DC, 2.9 / 5A
20180626-D
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
TC23 TIMOTION-TC23 Datasheet
380Kb / 4P
Max. output 24V DC, 5A
20210302-E
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com