Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC23 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TC23 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TC23
Download  TC23 Download
File Size   380.79 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 24V DC, 5A

TC23 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC23 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TC23
Download  TC23 Click to download

File Size   380.79 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. output 24V DC, 5A

TC23 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TC23 Product details

General Features
Number of motors 1~4
Max. output 24V DC, 5A
Input Voltage 24V DC
Certificate IEC60335, FCC, EN60529
Color Black or grey
Wireless module




Similar Part No. - TC23

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TC23-11EWA KINGBRIGHT-TC23-11EWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TC23-11EWA KINGBRIGHT-TC23-11EWA Datasheet
153Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11GWA KINGBRIGHT-TC23-11GWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TC23-11GWA KINGBRIGHT-TC23-11GWA Datasheet
153Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11SRWA KINGBRIGHT-TC23-11SRWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
More results


Similar Description - TC23

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B62SR24125A DELTA-B62SR24125A Datasheet
1,019Kb / 13P
24V Output DC/DC Converter, Box Type Package
B70SR24125A DELTA-B70SR24125A Datasheet
935Kb / 12P
24V Output DC/DC Converter, Box Type Package
logo
Linear Technology
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
24V, 5A, TWO-PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
24V, 5A, SINGLE PHASE INPUT
logo
Weidmuller
2838440000 WEIDMULLER-2838440000 Datasheet
737Kb / 5P
PRO BAS 120W 24V 5A
logo
TiMOTION Technology Co....
TBB6 TIMOTION-TBB6 Datasheet
244Kb / 3P
Discharging voltage 24V DC, 2.9 / 5A
20180626-D
TBB7 TIMOTION-TBB7 Datasheet
418Kb / 3P
Discharging voltage 24V DC, 2.9/5A
20230925-I
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com