Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA32 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA32 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA32
Download  TA32 Download
File Size   544.57 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Voltage of motor 24V DC, 24V DC (PTC)

TA32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA32 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA32
Download  TA32 Click to download

File Size   544.57 Kbytes
Page   6 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Voltage of motor 24V DC, 24V DC (PTC)

TA32 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA32 Product details

General Features
Voltage of motor 24V DC, 24V DC (PTC)
Maximum load in push 500N
Maximum speed at full load 8.8mm/s (with 300N in a push condition)
Stroke 050 / 044 / 040 / 034 / 031 / 025 / 015mm
Minimum installation dimension 143mm
Color Black or grey
Certificate UL962




Similar Part No. - TA32

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA320AP TRANSKO-TA320AP Datasheet
272Kb / 3P
Wireless, RF SAW Filter
Revision 0: August 2011
TA320AP1 TRANSKO-TA320AP1 Datasheet
273Kb / 3P
Wireless, RF SAW Filter
Revision 0: October 2007
logo
Beijing Yaohuadechang E...
TA3212W YHDC-TA3212W Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
TA32305FN TOSHIBA-TA32305FN Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
More results


Similar Description - TA32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
57mm Brushless DC Motor, 60W, 24V
BL100-H03-I ETC2-BL100-H03-I Datasheet
205Kb / 4P
80mm Brushless DC Motor, 100W, 24V
BL120-H03-H ETC2-BL120-H03-H Datasheet
192Kb / 4P
57mm Brushless DC Motor, 120W, 24V
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TBB2 TIMOTION-TBB2 Datasheet
193Kb / 3P
Discharging voltage 24V DC, 1.2A
20190729-F
TBB5 TIMOTION-TBB5 Datasheet
279Kb / 3P
Discharging voltage 24V DC, 4A
20230927-E
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
Discharging voltage 24V DC, 1.5A
20180600-D
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com