Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA32 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TA32
Description  Voltage of motor 24V DC, 24V DC (PTC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA32 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TA32 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TA32 Ordering Key
TA32
Version: 20170718-B
Load and Speed
Voltage
IP Rating
Color
Direction of
Rear Attachment
(Counterclockwise)
See page 5
2 = 24V
5 = 24V, PTC
1 = Without
1 = Black
2 = Grey (Pantone 428C)
1 = 0°
2 = 90°
Stroke (mm)
Retracted Length
(mm)
See page 2
143
Stroke limitation 050 / 044 / 040 / 034 / 031 / 025 / 015
Rear Attachment
(mm)
See page 5
Front Attachment
(mm)
See page 5
1 = Plastic, U clevis, width 6.6, depth 18.6, hole 10.0
1 = Plastic, U clevis, width 6.6, depth 18.6, hole 10.0
Cable Length (mm)
Output Signals
Connector
See page 6
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
B~H = For direct cut system
See page 6
0 = Without
4 = One Hall sensor
5 = Two Hall sensors
1 = DIN 6P, 90° plug
2 = Tinned leads
3 = Small 01P, plug
B = Y cable (direct cut, no water proof, no anti - pull)
Functions for
Limit Switches
See page 6
1 = Two switches at full retracted / extended positions to cut current
3 = Two switches at full retracted / extended positions to send signal
Special Functions
for Spindle Sub-
Assembly
0 = Without (Standard)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com