Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA32 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA32
Description  Voltage of motor 24V DC, 24V DC (PTC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA32 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA32 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA32 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Note
1 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
2 The current & speed in table are tested when the actuator is extending under push load.
Load and Speed
CODE
Load (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (5000RPM, duty cycle 10%)
A
500
300
0.1
0.8
11.0
4.8
B
300
300
0.1
0.6
16.0
8.8
Standard Dimensions
(mm)
Drawing
49.7
Retracted Length
102.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com