Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD1225 Datasheet (PDF) - ORION FANS

OD1225 Datasheet PDF - ORION FANS
Part # OD1225
Download  OD1225 Download
File Size   247.99 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC FAN - 12V, 24V

OD1225 Datasheet (PDF)

Go To PDF Page Download Datasheet
OD1225 Datasheet PDF - ORION FANS

Part # OD1225
Download  OD1225 Click to download

File Size   247.99 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC FAN - 12V, 24V

OD1225 Datasheet (HTML) - ORION FANS




Similar Part No. - OD1225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
5Mb / 8P
AC & EC FANS
OD1225-12HB ORIONFANS-OD1225-12HB Datasheet
116Kb / 1P
DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
DC Fan
OD1225-12LB ORIONFANS-OD1225-12LB Datasheet
116Kb / 1P
DC Fan
OD1225-12MB ORIONFANS-OD1225-12MB Datasheet
116Kb / 1P
DC Fan
More results


Similar Description - OD1225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9238 ORIONFANS-OD9238 Datasheet
151Kb / 1P
DC Fan - 12V, 24V and 48V 92x38mm (3.62' x 1.5')i
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
OD5210 ORIONFANS-OD5210 Datasheet
1Mb / 1P
DC Fan - 5, 12V
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD6038VA ORIONFANS-OD6038VA_17 Datasheet
229Kb / 1P
DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36?쓝 1.5??
OD9225-SS ORIONFANS-OD9225-SS Datasheet
208Kb / 1P
DC Fan - 12V, 24V 92x25 (3.62?쓝 1.00??
logo
TiMOTION Technology Co....
TA19 TIMOTION-TA19 Datasheet
716Kb / 8P
Voltage of motor 12V DC, 24V DC or 24V DC (PTC)
20191223-H
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com