Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2818ACP Datasheet (PDF) - Analog Devices

ADN2818ACP Datasheet PDF - Analog Devices
Part # ADN2818ACP
Download  ADN2818ACP Download
File Size   322.02 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs

ADN2818ACP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2818ACP Datasheet PDF - Analog Devices

Part # ADN2818ACP
Download  ADN2818ACP Click to download

File Size   322.02 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs

ADN2818ACP Datasheet (HTML) - Analog Devices


ADN2818ACP Product details

GENERAL DESCRIPTION
The ADN2817/ADN2818 provide the receiver functions of quantization, signal level detect, and clock and data recovery for continuous data rates from 10 Mbps to 2.7 Gbps. The ADN2817/ADN2818 automatically lock to all data rates without the need for an external reference clock or programming. All SONET jitter requirements are exceeded, including jitter transfer, jitter generation, and jitter tolerance. All specifications are quoted for −40°C to +85°C ambient temperature, unless otherwise noted.

FEATURES
   Serial data input: 10 Mbps to 2.7 Gbps
   Exceeds ITU-T jitter specifications
   Integrated limiting amplifier
      5 mV p-p sensitivity (ADN2817 only)
   Adjustable slice level: ±100 mV (ADN2817 only)
   Patented dual-loop clock recovery architecture
   Programmable LOS detect (ADN2817 only)
   Integrated PRBS generator and detector
   No reference clock required
   Loss of lock indicator
   Supports double data rate
   Bit error rate monitor (BERMON) or sample phase adjust options
   Rate selectivity without the use of a reference clock
   I2C interface to access optional features
   Single-supply operation: 3.3 V
   Low power
      650 mW (ADN2817)
      600 mW (ADN2818)
   5 mm × 5 mm 32-lead LFCSP

APPLICATIONS
   SONET OC-1, OC-3, OC-12, OC-48, and all associated FEC rates
   Fibre Channel, 2× Fibre Channel, GbE, HDTV
   WDM transponders
   Regenerators/repeaters
   Test equipment




Similar Part No. - ADN2818ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
841Kb / 38P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. G
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
841Kb / 38P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. G
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Similar Description - ADN2818ACP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Revision 0
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com