Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2865 Datasheet (PDF) - Analog Devices

ADN2865 Datasheet PDF - Analog Devices
Part # ADN2865
Download  ADN2865 Download
File Size   455.27 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES

ADN2865 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN2865 Datasheet PDF - Analog Devices

Part # ADN2865
Download  ADN2865 Click to download

File Size   455.27 Kbytes
Page   33 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES

ADN2865 Datasheet (HTML) - Analog Devices


ADN2865 Product details

PRODUCT DESCRIPTION
The ADN2865 provides the receiver functions of quantization, signal level detect, and clock and data recovery for continuous data rates from 12.3 Mb/s to 2.7 Gb/s. An integrated deserialiser supports 8 bit parallel transfer to an FPGA or digital ASIC. The recovered clock can simultaneously serialize data supplied in an 8 bit parallel format.

FEATURES
   Serial data input: 12.3 Mb/s to 2.7 Gb/s
   Exceeds ITU-T Jitter Specifications
   Integrated Limiting Amp: 6mV sensitivity
   Adjustable slice level: ±100 mV
   Patented dual-loop clock recovery architecture
   Programmable LOS detect and Slice Level
   Integrated PRBS Generator and Detector
   No reference clock required
   Loss of lock indicator
   Rate Selectivity without the use of a reference clock
   I2C™ interface to access optional features
   Single-supply operation: 3.3 V
   Low power: 1.0W
   8 mm × 8 mm 56-lead LFCSP

APPLICATIONS
   Passive Optical Network s
   SONET OC-1/3/12/48 and all associated FEC rates
   Fibre Channel, 2× Fibre Channel , GbE, HDTV, etc.
   WDM transponders
   Test equipment




Similar Part No. - ADN2865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
11/04-Rev. 0 to Rev. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results


Similar Description - ADN2865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Jun-2004
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Jun-2004
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
9/05-Revision 0
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Revision 0
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com