Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

342-M Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

342-M Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 342-M
Download  342-M Download
File Size   143.9 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Double terminals 6 poles

342-M Datasheet (PDF)

Go To PDF Page Download Datasheet
342-M Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 342-M
Download  342-M Click to download

File Size   143.9 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Double terminals 6 poles

342-M Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.




Similar Part No. - 342-M

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
342-005-500-101 EDAC-342-005-500-101 Datasheet
274Kb / 3P
342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-101 EDAC-342-005-500-101 Datasheet
101Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-102 EDAC-342-005-500-102 Datasheet
274Kb / 3P
342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-102 EDAC-342-005-500-102 Datasheet
103Kb / 3P
342 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
342-005-500-103 EDAC-342-005-500-103 Datasheet
274Kb / 3P
342 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.590" (14.99mm) Insulator Height
More results


Similar Description - 342-M

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PEX10 LUMINIS-PEX10 Datasheet
102Kb / 2P
6?쒭ia. extruded aluminum poles
logo
Molex Electronics Ltd.
63811-4700 MOLEX11-63811-4700 Datasheet
55Kb / 1P
Hand Crimp Tool for Double Crimp Terminals
logo
SparkFun Electronics
ROB-12413 SPARKFUN-ROB-12413 Datasheet
91Kb / 1P
Hub Arm - Double (6)
2/3/2016
logo
Molex Electronics Ltd.
0639039500 MOLEX-0639039500 Datasheet
32Kb / 1P
FineAdjust Applicator for S8 Double Crimp Terminals
08/26/2022
logo
WECO ELECTRICAL CONNECT...
339-K-M WECO-339-K-M Datasheet
229Kb / 1P
Double terminals Central screw hole, 2-pole
01.20
340-M WECO-340-M Datasheet
161Kb / 1P
Double terminals 3 poles
01.20
360-K-M WECO-360-K-M Datasheet
217Kb / 1P
Double terminals Central screw hole, 2-pole
01.20
361-M WECO-361-M Datasheet
172Kb / 1P
Double terminals 3 poles
01.20
362-M WECO-362-M Datasheet
165Kb / 1P
Double terminals 4 poles
01.20
363-M WECO-363-M Datasheet
160Kb / 1P
Double terminals 6 poles
01.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com