Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

361-M Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

361-M Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 361-M
Download  361-M Download
File Size   172.12 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Double terminals 3 poles

361-M Datasheet (PDF)

Go To PDF Page Download Datasheet
361-M Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 361-M
Download  361-M Click to download

File Size   172.12 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description Double terminals 3 poles

361-M Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.




Similar Part No. - 361-M

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
361-060-0040H WINCHESTER-361-060-0040H Datasheet
134Kb / 1P
BMA STRAIGHT PCB MOUNT PLUG
361-595-0850H WINCHESTER-361-595-0850H Datasheet
58Kb / 1P
BMA STRAIGHT BULKEHEAD JACK
361-994-0630H WINCHESTER-361-994-0630H Datasheet
112Kb / 1P
BMA 2-HOLE FLANGE MOUNT FLOATING RECEPTACLE
logo
Aries Electronics, Inc.
361-PLS12X12-12 ARIES-361-PLS12X12-12 Datasheet
841Kb / 2P
ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
361-PLS12X12-16 ARIES-361-PLS12X12-16 Datasheet
841Kb / 2P
ZIF PGA Test & Burn-in Socket for Any Footprint on Std 13x13 to 21x21 Grid
More results


Similar Description - 361-M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300640065 MOLEX11-1300640065 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 3 Poles, Female (Straight) to Male
1300620032 MOLEX11-1300620032 Datasheet
30Kb / 2P
Mini-Change Double-Ended Cordset, 3 Poles, Male (Straight) to Female
1200698644 MOLEX-1200698644 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698646 MOLEX-1200698646 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698688 MOLEX-1200698688 Datasheet
45Kb / 1P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
1200698707 MOLEX-1200698707 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 3 Poles
logo
WECO ELECTRICAL CONNECT...
340-M WECO-340-M Datasheet
161Kb / 1P
Double terminals 3 poles
01.20
342-M WECO-342-M Datasheet
143Kb / 1P
Double terminals 6 poles
01.20
362-M WECO-362-M Datasheet
165Kb / 1P
Double terminals 4 poles
01.20
363-M WECO-363-M Datasheet
160Kb / 1P
Double terminals 6 poles
01.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com