Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

876/02 Datasheet (PDF) - WECO ELECTRICAL CONNECTORS INC.

876/02 Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.
Part # 876/02
Download  876/02 Download
File Size   107.3 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description PCB connector Push-In connection diagonal 45° to PCB

876/02 Datasheet (PDF)

Go To PDF Page Download Datasheet
876/02 Datasheet PDF - WECO ELECTRICAL CONNECTORS INC.

Part # 876/02
Download  876/02 Click to download

File Size   107.3 Kbytes
Page   1 Pages
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.
Description PCB connector Push-In connection diagonal 45° to PCB

876/02 Datasheet (HTML) - WECO ELECTRICAL CONNECTORS INC.




Similar Part No. - 876/02

ManufacturerPart #DatasheetDescription
logo
Littelfuse
876 LITTELFUSE-876 Datasheet
189Kb / 3P
Axial Lead & Cartridge Fuses
logo
Keystone Electronics Co...
876 KEYSTONE-876 Datasheet
186Kb / 1P
NYLON THRU-HOLE SPACER
REV. A
logo
Abbatron All Rights Res...
876 ABBATRON-876 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
876 ADAFRUIT-876 Datasheet
79Kb / 1P
Stereo 3.5mm Plug/Plug Audio Cable - 6 feet
logo
Keystone Electronics Co...
876 KEYSTONE-876 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 876/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
121-C-111 WECO-121-C-111 Datasheet
53Kb / 1P
Plug connector Screw connection diagonal 45° to PCB
07.19
140-C-111 WECO-140-C-111 Datasheet
92Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
141-C-111 WECO-141-C-111 Datasheet
93Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
150-C-111 WECO-150-C-111 Datasheet
66Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking, with test holes
01.13
830-A-121-SMD WECO-830-A-121-SMD Datasheet
90Kb / 1P
PCB connector for SMD Push-In connection vertical to PCB
11.17
830-A-121-THR WECO-830-A-121-THR Datasheet
74Kb / 1P
PCB connector for SMD Push-In connection vertical to PCB
11.17
874 WECO-874 Datasheet
63Kb / 1P
PCB connector Push-In connection diagonal 45° to PCB
12.14
934 WECO-934 Datasheet
60Kb / 1P
PCB connector Screw connection 45°-angle to PCB
02.13
974 WECO-974 Datasheet
93Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
976 WECO-976 Datasheet
87Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com