Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G34 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC3G34 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC3G34
Download  74LVC3G34 Download
File Size   258.84 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple buffer

74LVC3G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G34 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC3G34
Download  74LVC3G34 Click to download

File Size   258.84 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple buffer

74LVC3G34 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC3G34 Product details

1. General description
The 74LVC3G34 is a triple buffer. Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34 NXP-74LVC3G34 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
Diodes Incorporated
74LVC3G34 DIODES-74LVC3G34 Datasheet
470Kb / 8P
TRIPLE BUFFER GATE
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
More results


Similar Description - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
TRIPLE BUFFER
Jun-2003
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
Triple Buffer
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34 NXP-74LVC3G34_08 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
Triple Buffer
April, 2012 ??Rev. 7
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
Triple Buffer
July, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
Triple buffer
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com