Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G34 Datasheet (PDF) - NXP Semiconductors

74LVC3G34 Datasheet PDF - NXP Semiconductors
Part # 74LVC3G34
Download  74LVC3G34 Download
File Size   87.32 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer

74LVC3G34 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G34 Datasheet PDF - NXP Semiconductors

Part # 74LVC3G34
Download  74LVC3G34 Click to download

File Size   87.32 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple buffer

74LVC3G34 Datasheet (HTML) - NXP Semiconductors


74LVC3G34 Product details

General description
The 74LVC3G34 provides three buffers.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of the 74LVC3G34 as a translator in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing a damaging backflow current through the device when it is powered down.

Features
■ Wide supply voltage range from 1.65 V to 5.5 V
■ 5 V tolerant input/output for interfacing with 5 V logic
■ High noise immunity
■ Complies with JEDEC standard:
   ◆ JESD8-7 (1.65 V to 1.95 V)
   ◆ JESD8-5 (2.3 V to 2.7 V)
   ◆ JESD8B/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
   ◆ HBM JESD22-A114E exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
■ ±24 mA output drive (VCC = 3.0 V)
■ CMOS low power consumption
■ Latch-up performance exceeds 250 mA
■ Direct interface with TTL levels
■ Multiple package options
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34 NXP-74LVC3G34 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
Diodes Incorporated
74LVC3G34 DIODES-74LVC3G34 Datasheet
470Kb / 8P
TRIPLE BUFFER GATE
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
More results


Similar Description - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
TRIPLE BUFFER
Jun-2003
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
Triple Buffer
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34_08 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
Triple Buffer
April, 2012 ??Rev. 7
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
Triple Buffer
July, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVC3G16 NEXPERIA-74LVC3G16 Datasheet
762Kb / 15P
Triple buffer
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com