Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G17GF Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC3G17GF Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC3G17GF
Download  74LVC3G17GF Download
File Size   278.61 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple non-inverting Schmitt trigger with 5 V tolerant input

74LVC3G17GF Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G17GF Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC3G17GF
Download  74LVC3G17GF Click to download

File Size   278.61 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple non-inverting Schmitt trigger with 5 V tolerant input

74LVC3G17GF Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC3G17GF Product details

1. General description
The 74LVC3G17 is a triple buffer with Schmitt-trigger inputs. Inputs can be driven from either 3.3 V
or 5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low-power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shapers for highly noisy environments




Similar Part No. - 74LVC3G17GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G17GD NXP-74LVC3G17GD Datasheet
109Kb / 18P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
74LVC3G17GM NXP-74LVC3G17GM Datasheet
109Kb / 18P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
74LVC3G17GT PHILIPS-74LVC3G17GT Datasheet
91Kb / 16P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G17GT NXP-74LVC3G17GT Datasheet
109Kb / 18P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
More results


Similar Description - 74LVC3G17GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G17 PHILIPS-74LVC3G17 Datasheet
91Kb / 16P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G17 NXP-74LVC3G17 Datasheet
109Kb / 18P
Triple non-inverting Schmitt trigger with 5 V tolerant input
Rev. 06-6 June 2008
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC3G17-Q100 NEXPERIA-74LVC3G17-Q100 Datasheet
219Kb / 12P
Triple non-inverting Schmitt trigger with 5 V tolerant input
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com