Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6229B Datasheet (PDF) - TEMIC Semiconductors

U6229B Datasheet PDF - TEMIC Semiconductors
Part # U6229B
Download  U6229B Download
File Size   100.19 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description DC/DC Converter - Power Supply 28 V

U6229B Datasheet (PDF)

Go To PDF Page Download Datasheet
U6229B Datasheet PDF - TEMIC Semiconductors

Part # U6229B
Download  U6229B Click to download

File Size   100.19 Kbytes
Page   8 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description DC/DC Converter - Power Supply 28 V

U6229B Datasheet (HTML) - TEMIC Semiconductors


U6229B Product details

Description
The U6229B is a multifunctional power supply IC which provides four different voltages dedicated to supply components of complex microcontroller systems. Supplied by a battery voltage in the wide range from 6 V to 26 V, the U6229B generates typically 28.4 V with a step-up converter, PWM, external power MOSFET and 150 μH inductivity. This voltage is fed to a step-down converter with external 150 μH inductivity to generate a 7-V auxiliary voltage with a small ripple. By means of this voltage, two linear regulators with only a small power dissipation provide a constant 5-V (±3%) supply for microcontrollers and an even more accurate 5-V (±2%) supply as a reference for sensors and a/d converters.

Features
● Voltage outputs
   – 28.4-V step-up converter with I ≤ 1.2 A
   – 7-V step-down converter with I ≤ 400 mA
   – 5-V logic supply with I ≤ 14 mA
   – 5-V reference voltage with I ≤ 14 mA
● Logic input ENABLE
   – Enables the step-up converter
● Analog input VKL15
   – Energy-reserve mode switches off the step-up converter at VBatt < 5.25 V
   – Controls start-up behavior
● Logic output NRES
   – N-reset output with over/ under voltage monitoring of both 5-V supplies




Similar Part No. - U6229B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
1.3 GHz PLL for TV- and VCR- Tuner
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
U62256ADA07 ZMD-U62256ADA07 Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
U62256ADA07G1 ZMD-U62256ADA07G1 Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
More results


Similar Description - U6229B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
Integrated Power Supply 1A DC-DC Converter
logo
Toshiba Semiconductor
TA8161F TOSHIBA-TA8161F Datasheet
333Kb / 8P
DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY
07-Jul-1997
logo
Analog Devices
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
28 V/100 W DC/DC Converter with Integral EMI Filter
REV.0
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
logo
Toshiba Semiconductor
CMF02TE12L.Q TOSHIBA-CMF02TE12L.Q Datasheet
159Kb / 4P
Switching Mode Power Supply Applications DC/DC Converter Applications
logo
Texas Instruments
LM2825N-50 TI-LM2825N-50 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
logo
Analog Devices
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
logo
Murata Power Solutions ...
D1U54-D-2000-12 MURATA-PS-D1U54-D-2000-12 Datasheet
784Kb / 8P
54mm 1U Front End DC-DC Power Supply Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com