Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2825 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2825 Datasheet PDF - National Semiconductor (TI)
Part # LM2825
Download  LM2825 Download
File Size   633.82 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Integrated Power Supply 1A DC-DC Converter

LM2825 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2825 Datasheet PDF - National Semiconductor (TI)

Part # LM2825
Download  LM2825 Click to download

File Size   633.82 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Integrated Power Supply 1A DC-DC Converter

LM2825 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI-LM2825 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
LM2825HN-ADJ TI-LM2825HN-ADJ Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825HN-ADJ/NOPB TI1-LM2825HN-ADJ/NOPB Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
LM2825N-12 TI-LM2825N-12 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
More results


Similar Description - LM2825

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
DC/DC Converter - Power Supply 28 V
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
850kHz 1A Buck DC/DC Converter
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
logo
Texas Instruments
LM2825N-50 TI-LM2825N-50 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
14V, 1A DC power supply
Rev 1; 3/17
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com