Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2825 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2825
Description  Integrated Power Supply 1A DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2825 Datasheet HTML 1Page - National Semiconductor (TI) LM2825 Datasheet HTML 2Page - National Semiconductor (TI) LM2825 Datasheet HTML 3Page - National Semiconductor (TI) LM2825 Datasheet HTML 4Page - National Semiconductor (TI) LM2825 Datasheet HTML 5Page - National Semiconductor (TI) LM2825 Datasheet HTML 6Page - National Semiconductor (TI) LM2825 Datasheet HTML 7Page - National Semiconductor (TI) LM2825 Datasheet HTML 8Page - National Semiconductor (TI) LM2825 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2825
Integrated Power Supply 1A DC-DC Converter
General Description
The LM2825 is a complete 1A DC-DC Buck converter pack-
aged in a 24-lead molded Dual-In-Line integrated circuit
package.
Contained within the package are all the active and passive
components for a high efficiency step-down (buck) switching
regulator. Available in fixed output voltages of 3.3V, 5V and
12V, as well as two adjustable versions, these devices can
provide up to 1A of load current with fully guaranteed electri-
cal specifications.
Self-contained, this converter is also fully protected from out-
put fault conditions, such as excessive load current, short
circuits, or excessive temperatures.
Highlights
n
No external components required (fixed output voltage
versions)
n
Integrated circuit reliability
n
MTBF over 20 million hours
n
Radiated EMI meets Class B stipulated by CISPR 22
n
High power density, 35 W/in
3
n
24-pin DIP package profile (1.25 x 0.54 x 0.26 inches)
Features
n
Minimum design time required
n
3.3V, 5V and 12V fixed output versions
n
Two adjustable versions allow 1.23V to 15V outputs
n
Wide input voltage range, up to 40V
n
Low-power standby mode, I
Q typically 65 µA
n
High efficiency, typically 80%
n ±
4% output voltage tolerance
n
Excellent line and load regulation
n
TTL shutdown capability/programmable Soft-start
n
Thermal shutdown and current limit protection
n
−40˚C to +85˚C ambient temperature range
Applications
n
Simple high-efficiency step-down (buck) regulator
n
On-card switching regulators
n
Efficient pre-regulator for linear regulators
n
Distributed power systems
n
DC/DC module replacement
Standard Application
(Fixed output voltage versions)
Radiated EMI
Radiated emission of electromagnetic fields is measured at
10m distance. The emission levels are within the Class B
limits stipulated by CISPR 22.
30. . . .230 MHz
30 dB µV/m
230. . . .1000 MHz
37 dB µV/m
1. . . .10 GHz
46 dB µV/m
Connection Diagram
Ordering Information
Order Number LM2825N-3.3, LM2825N-5.0, LM2825N-12,
LM2825N-ADJ or LM2825HN-ADJ
See NS Package Number NA24F
DS012661-27
DS012661-1
DS012661-2
“NC (Do not use)” pins: See
Figure 11.
Top View
May 1997
© 1997 National Semiconductor Corporation
DS012661
www.national.com


Similar Part No. - LM2825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI-LM2825 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
LM2825HN-ADJ TI-LM2825HN-ADJ Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825HN-ADJ/NOPB TI1-LM2825HN-ADJ/NOPB Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
LM2825N-12 TI-LM2825N-12 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
DC/DC Converter - Power Supply 28 V
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
850kHz 1A Buck DC/DC Converter
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
logo
Texas Instruments
LM2825N-50 TI-LM2825N-50 Datasheet
945Kb / 21P
LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
Integrated Power Supply 1A DC-DC Converter
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
14V, 1A DC power supply
Rev 1; 3/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com