Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2825 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2825
Description  Integrated Power Supply 1A DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2825 Datasheet HTML 1Page - National Semiconductor (TI) LM2825 Datasheet HTML 2Page - National Semiconductor (TI) LM2825 Datasheet HTML 3Page - National Semiconductor (TI) LM2825 Datasheet HTML 4Page - National Semiconductor (TI) LM2825 Datasheet HTML 5Page - National Semiconductor (TI) LM2825 Datasheet HTML 6Page - National Semiconductor (TI) LM2825 Datasheet HTML 7Page - National Semiconductor (TI) LM2825 Datasheet HTML 8Page - National Semiconductor (TI) LM2825 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM2825-12 Electrical Characteristics (Note 4)
Specifications with standard type face are for T
A = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Test Circuit
Figure 2.
Symbol
Parameter
Conditions
LM2825-12
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
OUT
Output Voltage
15V
≤ V
IN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.75A
12.0
V
11.52/11.40
V(min)
12.48/12.60
V(max)
Line Regulation
15V
≤ V
IN ≤ 40V
8.5
mV
I
LOAD = 100 mA
Load Regulation
0.1A
≤ I
LOAD ≤ 0.75A
12
mV
V
IN = 24V
Output Ripple Voltage
V
IN = 24V, ILOAD = 1A
100
mV p-p
η
Efficiency
V
IN = 24V, ILOAD = 0.5A
87
%
LM2825-ADJ Electrical Characteristics (Note 5)
Specifications with standard type face are for T
A = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Test Circuit
Figure 3.
Symbol
Parameter
Conditions
LM2825-ADJ
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
ADJ
Adjust Pin Voltage
4.5V
≤ V
IN ≤ 40V, 0.1A ≤ ILOAD ≤ 1A
1.230
V
1.23V
≤ V
OUT ≤ 8V
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
V
IN = 12V, ILOAD = 0.5A
74
%
V
OUT Programmed for 3V. See Circuit of Figure 3
LM2825H-ADJ Electrical Characteristics (Note 5)
Specifications with standard type face are for T
A = 25˚C, and those with boldface type apply over full Operating Temperature
Range. Test Circuit
Figure 3.
Symbol
Parameter
Conditions
LM2825H-ADJ
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
ADJ
Adjust Pin Voltage
9V
≤ V
IN ≤ 40V, 0.1A ≤ ILOAD ≤ 0.55A
1.230
V
7V
≤ V
OUT ≤ 15V
1.193/1.180
V(min)
1.267/1.280
V(max)
η
Efficiency
V
IN = 24V, ILOAD = 0.5A
87
%
V
OUT Programmed for 12V.
See Circuit of
Figure 3
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com